Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19SF04 Datasheet (PDF) - STMicroelectronics

ST19SF04 Datasheet PDF - STMicroelectronics
Part # ST19SF04
Download  ST19SF04 Download
File Size   23.91 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 4 KBytes of EEPROM

ST19SF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST19SF04 Datasheet PDF - STMicroelectronics

Part # ST19SF04
Download  ST19SF04 Click to download

File Size   23.91 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 4 KBytes of EEPROM

ST19SF04 Datasheet (HTML) - STMicroelectronics


ST19SF04 Product details

HARDWARE DESCRIPTION
The ST19SF04, a member of the ST19 device family, is a serial access microcontroller especially designed for very large volume and cost competitive secure portable objects.
The ST19SF04 is based on a STMicroelectronics 8 bit CPU core including on-chip memories: 960 Bytes of RAM, 32 K Bytes of USER ROM and 4 K Bytes of EEPROM.
RAM, ROM and EEPROM memories can be configured into partitions. Access rules from any memory partition to another partition are setup by the user defined Memory Access Control Logic. It is manufactured using the highly reliable ST technology.

■ ENHANCED 8 BIT CPU WITH EXTENDED ADDRESSING MODES
■ 32 K BYTES OF USER ROM WITH PARTITIONING
■ SYSTEM ROM
■ 960 BYTES OF USER RAM WITH PARTITIONI NG
■ 4 K BYTES OF USER EEPROM WITH PARTITIONING
   – Highly reliable CMOS EEPROM submicron technology
   – 10 years data retention
   – 100,000 Erase/Write cycles endurance
   – Separate Write and Erase cycles for fast "1" programming
   – 1 to 32 bytes Erase or Program
■ SECURITY FIREWALLS FOR MEMORIES
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH PROGRAM
■ 8 BIT TIMER WITH INTERRUPT CAPABILITY
■ 2 SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ 3V ± 10% or 5V ± 10% SUPPLY VOLTAGE
■ POWER SAVING STANDBY MODE
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V




Similar Part No. - ST19SF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF02 STMICROELECTRONICS-ST19SF02 Datasheet
25Kb / 2P
Smartcard MCU With 2 KBytes of EEPROM
Oct-1999
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF08CD45XXXZ STMICROELECTRONICS-ST19SF08CD45XXXZ Datasheet
31Kb / 2P
Ordering Information For Package And Delivery
Sep-2001
More results


Similar Description - ST19SF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19GF34 STMICROELECTRONICS-ST19GF34 Datasheet
26Kb / 2P
Smartcard MCU With 34 KBytes EEPROM
Oct-1999
ST19SF02 STMICROELECTRONICS-ST19SF02 Datasheet
25Kb / 2P
Smartcard MCU With 2 KBytes of EEPROM
Oct-1999
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
Smartcard MCU With 32 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com