Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L70840 Datasheet (PDF) - OSRAM GmbH

L70840 Datasheet PDF - OSRAM GmbH
Part # L70840
Download  L70840 Download
File Size   68.87 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description T8 L 70W LUMILUX

L70840 Datasheet (PDF)

Go To PDF Page Download Datasheet
L70840 Datasheet PDF - OSRAM GmbH

Part # L70840
Download  L70840 Click to download

File Size   68.87 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description T8 L 70W LUMILUX

L70840 Datasheet (HTML) - OSRAM GmbH


L70840 Product details

PRODUCT FEATURES
· Fluorescent Lamp with 26 mm diameter.
· Available light colours: White (835), Cool White (840)
· Reduced power consumption
· Very good colour rendering (Ra 80…89)
· Operates on conventional and electronic ballast




Similar Part No. - L70840

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L70 QUECTEL-L70 Datasheet
1Mb / 2P
Compact GPS Module Ultra Low Consumption Fast Positioning
logo
Rosenberger Hochfrequen...
L70-278-140 ROSENBERGER-L70-278-140 Datasheet
497Kb / 1P
Cable assembly
L70-279-140 ROSENBERGER-L70-279-140 Datasheet
497Kb / 1P
Cable assembly
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
Cable assembly
More results


Similar Description - L70840

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
logo
Powerbox
PBK2H-1212L POWERBOX-PBK2H-1212L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
logo
P-tec Corporation
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
TW1-70W
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
CINCON ELECTRONICS Corp...
TRG70EVI CINCON-TRG70EVI Datasheet
212Kb / 2P
70W SWITCHING ADAPTER
TRH70A CINCON-TRH70A Datasheet
516Kb / 2P
70W SWITCHING ADAPTER
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com