Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L70840 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # L70840
Description  T8 L 70W LUMILUX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

L70840 Datasheet(HTML) 1 Page - OSRAM GmbH

  L70840 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Fluorescent Lamp with 26 mm diameter.
•
Available light colours: White (835), Cool White (840)
•
Reduced power consumption
•
Very good colour rendering (Ra 80…89)
•
Operates on conventional and electronic ballast
Frequency
(Hz)
:
50
Lamp power PL (construction value)
(W)
:
70
Lamp current IL (construction value)
(mA)
:
700
Lamp voltage UL (construction value)
(V)
:
128
Measure voltage
(V)
:
220 +/- 0,2%
Average life time (50% failure rate)
(h)
: 2000 (ECG pre-heat start)*
1500 (CCG inductive)
Economical life time (80% lum. flux from initial 100h value)
(h)
: 1600 (ECG pre-heat start)*
1200 (CCG inductive)
Note:
*Measurement in accordance with EN 60081, annex C.
The lamps meet EN 60081 and EN 61195 requirements.
Starter and ballasts have to meet EN 60155 and EN 60921 requirements.
FL M-M, edition: 09/07
Reserved for changes – Data serve for orientation.
Technical Information FL
T8 L 70W LUMILUX
PHYSICAL DIMENSIONS
PRODUCT FEATURES
TECHNICAL DATA
LIFE TIME*
PHOTOMETRICAL DATA
L 70W/835
6200
80...89
3500
L 70W/840
6200
80...89
4000
** at >50 Hz operation and aged 100h; 25°C ambient temperature
Labelling in brand OSRAM
Rated luminous flux** (lm)
Colour rendering index (Ra)
Colour temperature (K)
1 769,25
± 0,75
1 763,8
1 778,0
∅ Max. 28
Cap: G13
[in mm]


Similar Part No. - L70840

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L70 QUECTEL-L70 Datasheet
1Mb / 2P
Compact GPS Module Ultra Low Consumption Fast Positioning
logo
Rosenberger Hochfrequen...
L70-278-140 ROSENBERGER-L70-278-140 Datasheet
497Kb / 1P
Cable assembly
L70-279-140 ROSENBERGER-L70-279-140 Datasheet
497Kb / 1P
Cable assembly
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
Cable assembly
More results

Similar Description - L70840

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
logo
Powerbox
PBK2H-1212L POWERBOX-PBK2H-1212L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
logo
P-tec Corporation
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
TW1-70W
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
CINCON ELECTRONICS Corp...
TRG70EVI CINCON-TRG70EVI Datasheet
212Kb / 2P
70W SWITCHING ADAPTER
TRH70A CINCON-TRH70A Datasheet
516Kb / 2P
70W SWITCHING ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com