Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet (PDF) - STMicroelectronics

TDA7590 Datasheet PDF - STMicroelectronics
Part # TDA7590
Download  TDA7590 Download
File Size   341.53 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital signal processing IC for speech and audio applications

TDA7590 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7590 Datasheet PDF - STMicroelectronics

Part # TDA7590
Download  TDA7590 Click to download

File Size   341.53 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital signal processing IC for speech and audio applications

TDA7590 Datasheet (HTML) - STMicroelectronics


TDA7590 Product details

Description

The TDA7590 is a high performances, fully programmable 24-bit, 120 MIPS. Digital Signal Processor (DSP), designed to support several speech and audio applications, as Automatic Speech Recognition, Speech Synthesis, MP3 Decoding, Echo and Noise Cancellation.

Nevertheless, the embedded CODECs bandwidth and the generic processing engine allow to proceed also full-band audio signals. The large amount of on-chip memory (128 Kwords), together with the 16 Mwords external memory addressable and the 32 general purpose I/O pins permit to build a DSP-system avoiding the usage of an additional Microcontroller.

The presence of serial and parallel interfaces allows easy connection with external devices including CODECs, DSPs, Microprocessors and Personal Computers.



Features

■ 24-bit, fixed point, 120 MIPS DSP core

■ Large on-board memory (128KW-24 bit)

■ Host access to internal RAM through expansion port

■ Access to external RAM (16Mw) through expansion port

■ Integrated stereo, 18-bit Sigma-DELTA A/D and 20-bit D/A converters

■ Programmable CODEC sample rate up to 48KHz

■ On-board PLL for core clock and converters

■ External flash / SRAM memory bank management

■ I2C and SCI serial interface for external control

■ 2 ESSI interface

■ JTAG interface

■ Host interface

■ 144-pin TQFP, 0.50mm pitch

■ Automotive temperature range (from -40°C to +85°C)



Applications

  Real time digital speech and audio processing: speech recognition, speech synthesis, speech compression, echo canceling, noise canceling, MP3 decoding.



 




Similar Part No. - TDA7590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
Digital signal processing IC for speech and audio applications
26-Jan-2009
More results


Similar Description - TDA7590

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
Peripheral analog IC for audio signal processing
logo
STMicroelectronics
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
Sep-1999
logo
Sanyo Semicon Device
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
Audio signal processing IC for notebook PC
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
Audio signal processing IC for notebook PC
logo
Sanyo Semicon Device
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
Video and Audio Signal-Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
VIDEO AND AUDIO SIGNAL-PROCESSING IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
Digital signal processing IC for speech and audio applications
26-Jan-2009
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
Speech Processing IC
December, 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com