Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 4Page - STMicroelectronics TDA7590 Datasheet HTML 5Page - STMicroelectronics TDA7590 Datasheet HTML 6Page - STMicroelectronics TDA7590 Datasheet HTML 7Page - STMicroelectronics TDA7590 Datasheet HTML 8Page - STMicroelectronics TDA7590 Datasheet HTML 9Page - STMicroelectronics TDA7590 Datasheet HTML 10Page - STMicroelectronics TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Pin description
TDA7590
8/40
51
HAD[7]
I/O
Host 8-bit data line 7. Host Data Bus and/or address lines when in
multiplexed mode.
52
HAD[6]
I/O
Host 8-bit data line 6. Host Data Bus and/or address lines when in
multiplexed mode.
53
HAD[5]
I/O
Host 8-bit data line 5. Host Data Bus and/or address lines when in
multiplexed mode.
54
HAD[4]
I/O
Host 8-bit data line 4. Host Data Bus and/or address lines when in
multiplexed mode.
55
COREVDD
I
Core Power Supply.
56
COREVSS
I
Core Ground.
57
HAD[3]
I/O
Host 8-bit data line 3. Host Data Bus and/or address lines when in
multiplexed mode.
58
HAD[2]
I/O
Host 8-bit data line 2. Host Data Bus and/or address lines when in
multiplexed mode.
59
HAD[1]
I/O
Host 8-bit data line 1. Host Data Bus and/or address lines when in
multiplexed mode.
60
HAD[0]
I/O
Host 8-bit data line 0. Host Data Bus and/or address lines when in
multiplexed mode.
61
AA[3]
O
Address Attributes line 3.Port A address attributes/chip select pins with
programmable polarity.
62
AA[2]
O
Address Attributes line 2.Port A address attributes/chip select pins with
programmable polarity.
63
BR_N
O
Bus Request. Asserted when Port A requires bus mastership to perform off-
chip accesses.
64
BB_N
I/O
Bus Busy. Asserted by Port A when bus_busy_in_n is negated and BG_N is
asserted.
65
IOVDD
I
IO Power Supply.
66
IOVSS
I
IO Ground.
67
WEN_N
O
Write Enable.
68
OEN_N
O
Output Enable.
69
AA[1]
O
Address Attributes line 1.Port A address attributes/chip select pins with
programmable polarity.
70
AA[0]
O
Address Attributes line 0.Port A address attributes/chip select pins with
programmable polarity.
71
BG_N
I
Bus Grant. When asserted, Port A becomes the bus master elect. Bus
mastership
is attained when bus busy is negated by the current bus master.
72
AB[0]
O
Address Bus line 0. Port A external address bus.
73
AB[1]
O
Address Bus line 1. Port A external address bus.
74
IOVDD
I
IO Power Supply.
Table 1.
Pin function (continued)
N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com