Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 8Page - STMicroelectronics TDA7590 Datasheet HTML 9Page - STMicroelectronics TDA7590 Datasheet HTML 10Page - STMicroelectronics TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Key parameters
TDA7590
12/40
3
Key parameters
3.1
Power consumption
Power consumption depends on application running and DSP clock frequency.
Supply current values are measured and guaranteed at testing level by adopting the
benchmarking program reported in Appendix 1.
Table 3.
Key parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
General
fosc
Crystal frequency
16
MHz
CORE_VDD
Operating voltage
1.62
1.8
1.98
V
CODEC_VDD Operating voltage
3.0
3.3
3.6
V
IOVDD
Operating voltage
3.0
3.3
3.6
V
PLL_VDD
Operating voltage
3.0
3.3
3.6
V
IDD_1.8V
Supply current
150
mA
IDD_3.3V
Supply current
50
mA
Tamb
Operating temperature
-40
85
°C
DSP Core
fdsp
DSP clock frequency
120
MHz
ADC Single Ended
Vpp
Maximum Input Range at ADC1
1.4
V
THD/S
Total Harmonics Distortion to Signal
-71
dB
(THD+N)/S
(THD + Noise) to Signal
-70
dB
DR
Dynamic Range
75
dB
ICL
Interchannel Isolation
-100
dB
ADC Differential
Vpp
Maximum Input Range at ADC0M-ADC0P
2.8
V
THD/S
Total Harmonics Distortion to Signal
-65
dB
(THD+N)/S
(THD + Noise) to Signal
-65
dB
DR
Dynamic Range
84
dB
ICL
Interchannel Isolation
-100
dB
DAC Single Ended
Vpp
Maximum Input Range at ADC1
1.4
V
THD/S
Total Harmonics Distortion to Signal
-64
dB
(THD+N)
(THD + Noise) to Signal
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com