Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics TDA7590 Datasheet HTML 18Page - STMicroelectronics TDA7590 Datasheet HTML 19Page - STMicroelectronics TDA7590 Datasheet HTML 20Page - STMicroelectronics TDA7590 Datasheet HTML 21Page - STMicroelectronics TDA7590 Datasheet HTML 22Page - STMicroelectronics TDA7590 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
TDA7590
DSP peripherals
19/40
7.7
Timers and Watchdog Block
The Timers and Watchdog Block consists of a common 21-bit prescaler and three
independent and identical general-purpose 24-bit timer/event counters, each with its own
register set.
Each timer has the following capabilities:
●
Uses internal or external clocking.
●
Interrupts the Mozart after a specified number of events (clocks).
●
Signals an external device after counting internal events.
●
Triggers DMA transfers after a specified number of events (clocks) occurs.
●
Connects to the external world through designated pins TIO[0-2] for timers 0-2.
When TIO is configured as an
●
Input: Timer functions as an external event counter. Timer measures external pulse
width/signal period.
●
Output: Timer functions as a:
–Timer
–
Watchdog timer
–
Pulse-width modulator.
7.8
PLL
The PLL generates the following clocks:
●
DCLK: DSP core clock
●
DACLK: ADC and DAC clock
●
LRCLK: left/right clock for the SAI and the CODEC
●
SCLK: shift serial clock for the SAI and the CODEC
7.9
CODEC CELL
The main features of the CODEC cell are listed below:
●
20 bits stereo DAC, and 18bits ADC
●
I2S format
●
Oversampling ratio: 512
●
Sampling rates of 8 kHz to 48 kHz
The analog interface is in the form of differential signals for each channel. The interface on
the digital side has the form of an SAI interface and can interface directly to an SAI channel
and then to the DSP core.
DCLK can be supplied either by the internal PLL or by external, to allow synchronization
with external anal digital sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com