Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics TDA7590 Datasheet HTML 18Page - STMicroelectronics TDA7590 Datasheet HTML 19Page - STMicroelectronics TDA7590 Datasheet HTML 20Page - STMicroelectronics TDA7590 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TDA7590
DSP peripherals
17/40
7
DSP peripherals
7.1
Serial Audio Interface (SAI)
The SAI is used to communicate between the CODEC and the DSPs.
In addition, digital audio can be directly input for processing. There is only one SAI found on
the chip that can be accessed by either the DSP or the DMA controller. The main features of
this block are listed below:
–
Slave Operating Modes, all clock lines can be inputs or outputs
–
Transmit and Receive Interrupt Logic triggers on Left/Right data pairs
–
Receive and Transmit Data Registers have two locations to hold left and right data
7.2
Serial Communication Interface (SCI)
The Serial Communication Interface provides a full duplex port for serial communication to
other DSPs, microprocessors, and peripherals like modems.
The interface supports the following features:
–
No additional logic for connection to other TTL level peripherals
–
Asynchronous bit rates and protocols " High speed synchronous data
transmission.
–
Asynchronous protocol includes Multidrop mode for master/slave operation with
Wakeup on Idle line and Wakeup on Address Bit capability, permitting the SCI to
share a single line with multiple peripherals
–
Transmit and Receive logic can operate asynchronously from each other.
–
A programmable baud-rate generator which provide the transmit and receive
clocks or functions as a general purpose timer.
7.3
I2C Interface
The inter integrated-circuit bus is a simple bi-directional two-wire bus used for efficient inter
IC control. All I2C bus compatible devices incorporate an on-chip interface which allows
them to communicate directly with each other via the I2C bus.
Every component connected to the I2C bus has it s own unique address whether it is a CPU,
memory or some other complex function chip. Each of these chips can act as a receiver
and/or transmitter depending on it s functionality.
7.4
Host Interface (HI)
The host interface is a system-on-chip module that permits connection to the data bus of a
host processor. The HI is capable of driving 16 programmable external pins which can be
configured as an 8 bit parallel port for direct connection to a host processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com