Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 32Page - STMicroelectronics TDA7590 Datasheet HTML 33Page - STMicroelectronics TDA7590 Datasheet HTML 34Page - STMicroelectronics TDA7590 Datasheet HTML 35Page - STMicroelectronics TDA7590 Datasheet HTML 36Page - STMicroelectronics TDA7590 Datasheet HTML 37Page - STMicroelectronics TDA7590 Datasheet HTML 38Page - STMicroelectronics TDA7590 Datasheet HTML 39Page - STMicroelectronics TDA7590 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package information
TDA7590
38/40
9 Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 3.
TQFP144 Mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
21.80
22.00
22.20
0.858
0.866
0.874
D1
19.80
20.00
20.20
0.779
0.787
0.795
D2
2.00
0.079
D3
17.50
0.689
e
0.50
0.020
E
21.80
22.00
22.20
0.858
0.866
0.874
E1
19.80
20.00
20.20
0.779
0.787
0.795
E2
2.00
0.079
E3
17.50
0.689
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K
3.5˚ (min.), 7˚(max.)
ccc
0.08
0.03
TQFP144
(20x20x1.0mm exposed Pad Down)
7386636
Note 1: Exact shape of each corner is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com