Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 7Page - STMicroelectronics TDA7590 Datasheet HTML 8Page - STMicroelectronics TDA7590 Datasheet HTML 9Page - STMicroelectronics TDA7590 Datasheet HTML 10Page - STMicroelectronics TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TDA7590
Pin description
11/40
2.3
Thermal data
141
TMS
I
Test Mode Select. JTAG input pin for control of TAP Controller of debug
interface.
142
TDO
O
Test Data Output. JTAG output pin for serial data out from debug interface.
143
SC12
I/O
Serial Control 2.Transmitter frame sync only in asynchronous mode,
transmitter and receiver frame sync in synchronous mode.
144
SC11/SDA
I/O
Serial Control 1. Receive frame sync in asynchronous mode,
output from transmitter 2 or serial flag 1 in synchronous mode.
I2C SDA. Serial Data Line.
Table 1.
Pin function (continued)
N°
Name
Type
Description
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth-j-pins
Thermal Resistance Junction to Pins
32
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com