Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 9Page - STMicroelectronics TDA7590 Datasheet HTML 10Page - STMicroelectronics TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TDA7590
Key parameters
13/40
3.1.1
CODEC (ADC/DAC) Test Description
Reported typical values (table 3. - ADC and DAC sections) have been measured at Lab level
during product evaluation phase. General definitions and procedures are separately defined
in following dedicated paragraphs.
Total Harmonic Distortion with Noise to Signal (THD+N)/S
THD+N is defined as the ratio of the total power of the second power and higher harmonic
with noise components to the power of the fundamental for that signal. For THD+N
measurement, choose the DSP analyzer in Digital analyzer with THD ratio as measurement
option. Measure the THD+N value at -3dB amplitude of the input signal. First measure the
THD+N value at 1Vrms which is 0dB reference and then measure the value at -3dB
reference.
Dynamic Range (DR)
DR is defined as the level of THD+N measured when the input sine wave amplitude is so
small that no harmonics apart from the fundamental tone are present in the output signal.
This way THD+N becomes practically the ratio between the whole signal and noise floor,
being a different way to express SNR. As a convention, at which no harmonics should be
present in the output signal, it is fixed at -40dB of the full scale amplitude.
Crosstalk or Interchannel Isolation
A disturbance, caused by electromagnetic interference, along a circuit or a cable pair. An
electric signal disrupts another signal in an adjacent circuit and can cause it to become
confused and cross over each other. Crosstalk is measured by applying a signal -3dB
amplitude of input signal at one channel (A) and no signal at an other channel (B),
measuring the effect on this channel(B) because of the channel (A).
Total Harmonic Distortion to Signal (THD)/S
THD is defined as the ratio of the sum of only those components of the output signal which
are harmonic of system input, after having removed the fundamental tone corresponding to
the pure sine wave as input and the input signal.This measurement is done by using the
Harmonic analyzer which can isolate up to 15th harmonic components on the acquired
signal and report the sum of all of them, centering the fundamental tone on the frequency
provided by the input signalgenerator. These measurements are performed at -3dB
reference amplitude of input signal.
DR
Dynamic Range
89
dB
ICL
Interchannel Isolation
-100
dB
DAC Differential
Vpp
Maximum Input Range at ADC1
2.8
V
THD/S
Total Harmonics Distortion to Signal
-58
dB
(THD+N)/S
(THD + Noise) to Signal
-57
dB
DR
Dynamic Range
90
dB
ICL
Interchannel Isolation
-85
dB
Table 3.
Key parameters (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com