Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics TDA7590 Datasheet HTML 18Page - STMicroelectronics TDA7590 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
TDA7590
24 bit DSP core
15/40
5
24 bit DSP core
The DSP Core is a general purpose 24-bit DSP. The main feature of the DSP Core are listed
below:
●
120MHz Operating Frequency (120 MIPS)
●
Fully Pipelined 24 x 24 Bit Parallel Multiplier-Accumulator
●
Saturation/Limiting Logic
●
56-Bit Parallel Barrel Shifter
●
Linear, Reverse Carry and Modulo Addressing Modes
●
24-bit Address Buses for Program, X and Y Data Spaces and DMA
●
Memory-Expandible Hardware Stack
●
Nested Zero-Overhead DO Loops
●
Fast Interrupts
●
Powerful JTAG Emulation Port
●
Software WAIT and STOP Low Power Stand-by Modes
●
Program Address Tracing Support
●
Two 24-bit Data Moves in Parallel with Arithmetic Operations
●
External Interrupts including Non-Maskable Interrupt
●
Interrupts may be independently masked and prioritised
●
Bit-Manipulation instructions can access any register or memory location
●
On board support for DMA Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com