Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 10Page - STMicroelectronics TDA7590 Datasheet HTML 11Page - STMicroelectronics TDA7590 Datasheet HTML 12Page - STMicroelectronics TDA7590 Datasheet HTML 13Page - STMicroelectronics TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics TDA7590 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Electrical specification
TDA7590
14/40
4
Electrical specification
4.1
Absolute maximum ratings
4.2
Electrical characteristics for I/O pins
(*) All the specification are valid only within these recommended operating conditions.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PLL_VDD
3.3V PLL Power Supply Voltage
-0.5 to 4
V
CODEC_VDD
3.3V CODEC Analog Power Supply
-0.5 to 4
V
IOVDD
3.3V IO Power Supply
-0.5 to 4
V
CORE_VDD
1.8V CORE Power Supply
-0.5 to 2.2
V
IO_MAX
Input or Output Voltage
-0.5 to (IOVDD +0.5)
V
Table 5.
Reccomanded DC operating conditions
Symbol
Parameter
Value
Unit
IOVDD
IO Power Supply Voltage
3 to 3.6 (*)
V
Tj
Operating Junction Temperature
-40 to 105
°C
Table 6.
General interface electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iil
Low level Input Current Without
pullup device
1
µA
Iih
High level Input Current Without
pulldown device
1
µA
Ioz
Tri-state Output leakage Without
pull up/down device
1
µA
IozFT
Five Volt tolerant Tri-state Output
leakage Without pull up/down
device
1
µA
I latchup
I/O Latch-up current
V < 0V, V < Vdd
200
mA
Vesd
Electrostatic Protection (HBM)
leakage < 1mA
2000
V
Vil
Low level input voltage(1))0.8
V
Vih
High level input voltage(1)
2V
Vhyst
Schmitt trigger hysteresis(1)
0.4
V
Vol
Low level output voltage (1) (2) (3) Iol = XmA
0.15
V
Voh
High level output voltage (1) (2) (3) Ioh = -XmA
IOVDD
- 0.15
V
1.
TTL specifications only apply to the supply voltage range Vdd = 3.15V to 3.6V.
2.
Takes into account 200mV voltagedrop in both supply lines.
3.
X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com