Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7590 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 14Page - STMicroelectronics TDA7590 Datasheet HTML 15Page - STMicroelectronics TDA7590 Datasheet HTML 16Page - STMicroelectronics TDA7590 Datasheet HTML 17Page - STMicroelectronics TDA7590 Datasheet HTML 18Page - STMicroelectronics TDA7590 Datasheet HTML 19Page - STMicroelectronics TDA7590 Datasheet HTML 20Page - STMicroelectronics TDA7590 Datasheet HTML 21Page - STMicroelectronics TDA7590 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
DSP peripherals
TDA7590
18/40
The key features of the host interface are:
●
8 bit parallel port "Full-duplex" Dedicated host register bank
●
Dedicated Mozart Core DSP register core bank.
●
Register banks map directly into Mozart X memory space
●
3 transfer modes:
–
host command
–
Host to Mozart Core DSP
–
Mozart Core DSP to host
●
Access protocols:
–
Software polled
–
Interrupt
–
DMA access by the Mozart Core DSP core
●
2+ wait states clock cycles per transfer
●
Supported instructions:
–
Data transfer between Mozart core and external host using Mozart MOVE
instruction
–
Simple I/O service routine with bit addressing instructions
–
IO service using fast interrupts with MOVEP instructions.
7.5
ESSI
The ESSI peripheral enables serial-port communication between the DSP core and external
devices including CODECs, DSP, Microprocessors. The ESSI is capable of driving 12
programmable external pins which can be configured as GPIO ports C and D or ESSI pins.
The key features of the ESSI are:
●
Independent receiver and transmitter
●
Synchronous or Asynchronous channel modes Synchronous. Receiver and transmitter
use same clock/sync Asynchronous. Receiver and transmitter may use separate
clock/sync " Up to one transmitter enabled in asynchronous channel mode.
●
Up to three transmitters enabled in synchronous channel mode.
●
Normal mode. One word per period.
●
Network Mode. Up to 32 words per period.
7.6
EOC
The Salieri Extended on-chip memory interface provides access to 40K of on-chip memory.
The Mozart core will treat this memory as if it were external. Access by off-chip expansion
bus masters is permitted. All accesses to the extended on-chip RAM are controlled by the
extended on-chip memory control register. This register determines which combinations of
the Address Attribute pins should be interpreted as accesses to the 40K of RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com