Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232A Datasheet (PDF) - STMicroelectronics

ST232A Datasheet PDF - STMicroelectronics
Part # ST232A
Download  ST232A Download
File Size   79.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY HIGHSPEED, ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS

ST232A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST232A Datasheet PDF - STMicroelectronics

Part # ST232A
Download  ST232A Click to download

File Size   79.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY HIGHSPEED, ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS

ST232A Datasheet (HTML) - STMicroelectronics


ST232A Product details

Description

The ST232A is a 2 driver, 2 receiver device following EIA/TIA-232 and V.28 communication standard. It is particularly suitable for applications where ±12V is not available. The ST232A uses a single 5V power supply and only four external capacitors (0.1µF). Typical applications are in: Portable Computers, Low Power Modems, Interfaces Translation, Battery Powered RS-232 Networks.



Feature summary

■ Supply voltage range: 4.5 to 5.5V

■ Supply current no load (typ): 1.5mA

■ Transmitter output voltage swing (typ): ± 9V

■ Transition slew rate (typ.): 12V/µs

■ Receiver propagation delay (typ.): 0.1µs

■ Receiver input voltage range: ± 30V

■ Data rate (typ.): 400Kbp/s

■ Operating temperature range:

– -40 to 85 °C,

–0 to 70°C




Similar Part No. - ST232A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232AB STMICROELECTRONICS-ST232AB Datasheet
678Kb / 16P
Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
08-Feb-2008
ST232ABD STMICROELECTRONICS-ST232ABD Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
678Kb / 16P
Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
08-Feb-2008
ST232ABN STMICROELECTRONICS-ST232ABN Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
More results


Similar Description - ST232A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com