Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232A
Description  VERY HIGHSPEED, ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232A Datasheet(HTML) 1 Page - STMicroelectronics

  ST232A Datasheet HTML 1Page - STMicroelectronics ST232A Datasheet HTML 2Page - STMicroelectronics ST232A Datasheet HTML 3Page - STMicroelectronics ST232A Datasheet HTML 4Page - STMicroelectronics ST232A Datasheet HTML 5Page - STMicroelectronics ST232A Datasheet HTML 6Page - STMicroelectronics ST232A Datasheet HTML 7Page - STMicroelectronics ST232A Datasheet HTML 8Page - STMicroelectronics ST232A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ST232A
VERY HIGH SPEED, ULTRA LOW POWER CONSUMPTION
5V POWERED RS-232 DRIVERS AND RECEIVERS
®
October 1999
s
SUPPLY VOLTAGE RANGE: 4.5 TO 5.5V
s
SUPPLY CURRENT NO LOAD (TYP): 1.5mA
s
TRANSMITTER OUTPUT VOLTAGESWING
(TYP):
±9V
s
TRANSITION SLEW RATE (TYP.):12V/
µs
s
RECEIVER PROPAGATION DELAY
(TYP.): 0.1
µs
s
RECEIVER INPUT VOLTAGE RANGE:
±30V
s
DATA RATE (TYP): 400Kbp/s
s
OPERATING TEMPERATURE RANGE:
-40 TO 85
oC, 0 TO70 oC
DESCRIPTION
The ST232A is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where
±12V is not available. The ST232 uses a
single 5V power supply and only four external
capacitors (0.1
µF). Typical applications are in:
Portable
Computers,
Low
Power
Modems,
Interfaces Translation, Battery Powered RS-232
System, Multi-Drop RS-232 Networks.
D
(Micro Package)
N
(Plastic Package)
W
(Micro Package Large)
T
(TSSOP Package)
ORDER CODES
Type
T emperature
Ran ge
Packag e
Comments
ST232ACN
0 to 70
oC
DIP-16
25 parts per tube / 40 tube per box
ST232ABN
-40 to 85
oC
DIP-16
25 parts per tube / 40 tube per box
ST232ACD
0 to 70
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST232ABD
-40 to 85
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST232ACDR
0 to 70
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST232ABDR
-40 to 85
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST232ACW
0 to 70
oC
SO-16 Large (Tube)
50 parts per tube / 20 tube per box
ST232ABW
-40 to 85
oC
SO-16 Large (Tube)
50 parts per tube / 20 tube per box
ST232ACWR
0 to 70
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232ABWR
-40 to 85
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232ACTR
0 to 70
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
ST232ABTR
-40 to 85
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
1/10


Similar Part No. - ST232A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232AB STMICROELECTRONICS-ST232AB Datasheet
678Kb / 16P
Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
08-Feb-2008
ST232ABD STMICROELECTRONICS-ST232ABD Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
678Kb / 16P
Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
08-Feb-2008
ST232ABN STMICROELECTRONICS-ST232ABN Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
More results

Similar Description - ST232A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com