Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet (PDF) - STMicroelectronics

ST40RA Datasheet PDF - STMicroelectronics
Part # ST40RA
Download  ST40RA Download
File Size   782.13 Kbytes
Page   94 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Embedded SuperH Device

ST40RA Datasheet (PDF)

Go To PDF Page Download Datasheet
ST40RA Datasheet PDF - STMicroelectronics

Part # ST40RA
Download  ST40RA Click to download

File Size   782.13 Kbytes
Page   94 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Embedded SuperH Device

ST40RA Datasheet (HTML) - STMicroelectronics


ST40RA Product details

Overview

The ST40RA is the first member of the ST40 family. Based on the SH-4, SuperH CPU core from SuperH Inc, the ST40RA is designed to work as a standalone device, or as part of a two chip solution for application specific systems. Example applications the ST40RA is designed for include digital consumer, embedded communications, industrial and automotive. The high connectivity of the ST40 through its PCI bus and its dual memory uses makes it a versatile device, ideal for data-intensive and high performance applications.



System features

■32-bit SuperH CPU

  ●64-bit hardware FPU (1.16 GFLOPS)

  ●128-bit vector unit for matrix manipulations

  ●166 MHz, 300 MIPS (DMIPS 1.1)

  ●Up to 664 Mbytes/s CPU bandwidth

  ●Direct mapped, on-chip, ICache (8 Kbytes) and DCache(16 Kbytes)

■High-performance 5-channel DMA engine, supporting 1D or 2D block moves and linked lists

■SuperHyway internal interconnect

  ●High throughput, low latency, split transaction packet router

■Memory protection and VM system support

  ●64-entry unified TLB, 4-entry instruction TLB

  ●4 Gbytes address space

■Standard ST40 peripherals

  ●2 synchronous serial ports with FIFO (SCIF)

  ●Timers and a real-time clock IO devices

  ●Mailbox register for interprocessor communication

  ●Additional PIO Bus interfaces

■Local memory interface SDRAM & DDR SDRAM

  ●Up to 100 MHz (1.6 Gbytes/s peak throughput)

■PCI interface - 32-bit, 66/33 MHz, 3.3 V

■Enhanced memory interface (EMI)

  ●32-bit bus, up to 83 MHz, for attaching peripherals

  ●High-speed, sync mode, burst flash ROM support

  ●SDRAM support

  ●MPX initiator and target interface

  ●Programmable MPX bus arbiter




Similar Part No. - ST40RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST40 ETC1-ST40 Datasheet
92Kb / 2P
VARIABLE COMPRESSION MICA TRIMMERS AND PADDERS
logo
Optronics International
ST40 OPTRONICS-ST40 Datasheet
136Kb / 3P
Replacement lenses
logo
Hirose Electric
ST40-10S-CV HIROSE-ST40-10S-CV Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST40-10S-CVR HIROSE-ST40-10S-CVR Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST40-18P/4 HIROSE-ST40-18P/4 Datasheet
608Kb / 11P
Interface Connectors for Miniature, Portable Terminal Devices
More results


Similar Description - ST40RA

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Renesas Technology Corp
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7147 RENESAS-SH7147 Datasheet
5Mb / 1108P
32-Bit RISC Microcomputer SuperH??RISC engine Family
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com