Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 1 Page - STMicroelectronics

  ST40RA Datasheet HTML 1Page - STMicroelectronics ST40RA Datasheet HTML 2Page - STMicroelectronics ST40RA Datasheet HTML 3Page - STMicroelectronics ST40RA Datasheet HTML 4Page - STMicroelectronics ST40RA Datasheet HTML 5Page - STMicroelectronics ST40RA Datasheet HTML 6Page - STMicroelectronics ST40RA Datasheet HTML 7Page - STMicroelectronics ST40RA Datasheet HTML 8Page - STMicroelectronics ST40RA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
DATASHEET
13 August 2003
ADCS 7260755H
STMicroelectronics
1/94
Overview
The ST40RA is the first member of the ST40 family. Based
on the SH-4, SuperH CPU core from SuperH Inc, the
ST40RA is designed to work as a standalone device, or as
part of a two chip solution for application specific systems.
Example applications the ST40RA is designed for include
digital consumer, embedded communications, industrial
and automotive. The high connectivity of the ST40 through
its PCI bus and its dual memory uses makes it a versatile
device, ideal for data-intensive and high performance
applications.
System features
s 32-bit SuperH CPU
q
64-bit hardware FPU (1.16 GFLOPS)
q
128-bit vector unit for matrix manipulations
q
166 MHz, 300 MIPS (DMIPS 1.1)
q
Up to 664 Mbytes/s CPU bandwidth
q
Direct mapped, on-chip, ICache (8 Kbytes) and DCache
(16 Kbytes)
s High-performance 5-channel DMA engine,
supporting 1D or 2D block moves and linked lists
s SuperHyway internal interconnect
q
High throughput, low latency, split transaction packet
router
s Memory protection and VM system support
q
64-entry unified TLB, 4-entry instruction TLB
q
4 Gbytes address space
s Standard ST40 peripherals
q
2 synchronous serial ports with FIFO (SCIF)
q
Timers and a real-time clock
IO devices
q
Mailbox register for interprocessor communication
q
Additional PIO
Bus interfaces
s Local memory interface SDRAM & DDR SDRAM
q
Up to 100 MHz (1.6 Gbytes/s peak throughput)
s PCI interface - 32-bit, 66/33 MHz, 3.3 V
s Enhanced memory interface (EMI)
q
32-bit bus, up to 83 MHz, for attaching peripherals
q
High-speed, sync mode, burst flash ROM support
q
SDRAM support
q
MPX initiator and target interface
q
Programmable MPX bus arbiter
Integer & FP
execution units
Registers
Interrupt ctrl
Real-time clock
Timer (TMU)
SCIF
Clock ctrl
SCIF
5 channel
controller
ST40 Local Memory I/F
32 data
64 data
32 data
2 channel
control
PIO
interface
JTAG
UDI
EMI
SuperHyway
PCI I/F 66MHz
Debug
PLLs
MMU
I Cache
MMU
D Cache
Cbus Bridge/
SuperHyway I/F
24 data
JTAG
DMA
PCI Peripherals
SDRAM
MPX
Flash
Peripherals
Coprocessor
Mailbox
ST40RA
32-bit Embedded SuperH Device


Similar Part No. - ST40RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST40 ETC1-ST40 Datasheet
92Kb / 2P
VARIABLE COMPRESSION MICA TRIMMERS AND PADDERS
logo
Optronics International
ST40 OPTRONICS-ST40 Datasheet
136Kb / 3P
Replacement lenses
logo
Hirose Electric
ST40-10S-CV HIROSE-ST40-10S-CV Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST40-10S-CVR HIROSE-ST40-10S-CVR Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST40-18P/4 HIROSE-ST40-18P/4 Datasheet
608Kb / 11P
Interface Connectors for Miniature, Portable Terminal Devices
More results

Similar Description - ST40RA

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Renesas Technology Corp
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7147 RENESAS-SH7147 Datasheet
5Mb / 1108P
32-Bit RISC Microcomputer SuperH??RISC engine Family
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com