Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 10Page - STMicroelectronics ST40RA Datasheet HTML 11Page - STMicroelectronics ST40RA Datasheet HTML 12Page - STMicroelectronics ST40RA Datasheet HTML 13Page - STMicroelectronics ST40RA Datasheet HTML 14Page - STMicroelectronics ST40RA Datasheet HTML 15Page - STMicroelectronics ST40RA Datasheet HTML 16Page - STMicroelectronics ST40RA Datasheet HTML 17Page - STMicroelectronics ST40RA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
ADCS 7260755H
STMicroelectronics
14/94
ST40RA
5 System configuration
5.2
System identifiers
q
SH-4 core processor identity: 0x0100.
q
SH-4 core processor version: 0x0541D.
q
ST40RA-HC8 TAP identity: 05141041.
q
ST40RA-HC8 PCI identity:
­ Vendor: 104A,
­ Device: 4000,
­ Revision ID: 0x01,
­ Class: 0x4 0000,
­ Subsystem ID: 0x0000.
Reserved: CPU only
registers
0x1E10 0000
0x1FBF FFFF
CPG
0x1FC0 0000
0x1FC7 9999
RTC
0x1FC8 0000
0x1FCF FFFF
INTC
0x1FD0 0000
0x1FD7 9999
TMU
0x1FD8 0000
0x1FDF FFFF
SCIF1
0x1FE0 0000
0x1FE7 9999
SCIF2
0x1FE8 0000
0x1FEF FFFF
EMU
0x1FF0 0000
0x1FF7 9999
Reserved
0x1FF8 0000
0X1FFF FFFF
a. For information about which address region to access for each module, see
SH-4 32-bit CPU Core
Architecture, sections 2.5 and 3.4.
When operating in privilege mode, these registers should be accessed via the P2 region by adding
an offset of 0xA000 0000, when operating in user mode, access should be via the U0 address.
Module
Addressa
Reference
Base
Top
Table 2: ST40RA system address map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com