Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 20Page - STMicroelectronics ST40RA Datasheet HTML 21Page - STMicroelectronics ST40RA Datasheet HTML 22Page - STMicroelectronics ST40RA Datasheet HTML 23Page - STMicroelectronics ST40RA Datasheet HTML 24Page - STMicroelectronics ST40RA Datasheet HTML 25Page - STMicroelectronics ST40RA Datasheet HTML 26Page - STMicroelectronics ST40RA Datasheet HTML 27Page - STMicroelectronics ST40RA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
ADCS 7260755H
STMicroelectronics
24/94
ST40RA
5 System configuration
5.9.1
EMI.GENCFG EMI general configuration
EMI.GENCFG
EMI general configuration
0x0028
The EMI provides a generic register to allow the configuration of the padlogic. ST40RA
uses the bits detailed.
0SOFE
Strobe positioning
Strobe on falling edge:
0: Disabled
1: Enabled
Reset: 0
RW
[5:1]
SDPOS
SDRAM bank location
00001: Bank 0
00010: Bank 1
00011: Bank 2
00100: Bank 3
00101: Bank 4
00110: Bank 5
10001: Bank 0 to 1
10010: Bank 0 to 2
10011: Bank 0 to 3
10100: Bank 0 to 4
10101: Bank 0 to 5
10110: Bank 1 to 2
10111: Bank 1 to 3
11000: Bank 1 to 4
11001: Bank 1 to 5
11010: Bank 2 to 3
11011: Bank 2 to 4
11100: Bank 2 to 5
11101: Bank 3 to 4
11110: Bank 3 to 5
11111: Bank 4 to 5
Reset: 0
RW
6EWPU
Pull-up on EWAIT pina
0: Disabled
1: Enabled
Reset: 0
a. If the EWAIT signal is set at the beginning of an access, and the data is to be set after the EWAIT
is cleared, the parameters ACCESSTIMEREAD and LATCHPOINT in the EMI configuration
registers must be set as follows:
ACCESSTIME > LATCHPOINT + 3.
See the
ST40 System Architecture Manual, Volume 2: Bus Interfaces for details of setting the EMI
configuration registers.
RW
7
EAPU
Pull-up enable on EADDR pins
0: Disabled
1: Enabled
Reset: 0
RW
[31:8]
Reserved
0: Ignored
1: Reserved
Reset: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com