Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 16Page - STMicroelectronics ST40RA Datasheet HTML 17Page - STMicroelectronics ST40RA Datasheet HTML 18Page - STMicroelectronics ST40RA Datasheet HTML 19Page - STMicroelectronics ST40RA Datasheet HTML 20Page - STMicroelectronics ST40RA Datasheet HTML 21Page - STMicroelectronics ST40RA Datasheet HTML 22Page - STMicroelectronics ST40RA Datasheet HTML 23Page - STMicroelectronics ST40RA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
ADCS 7260755H
STMicroelectronics
20/94
ST40RA
5 System configuration
NOTMACK
(Master)
EMI_BUS_GRANT EMI_BUS_GRANT EMI_BUS_GRANT MPX bus
acknowledge
MPX bus
acknowledge
FCLKOUT
-
FLASHCLOCK
-
-
-
NOTFBAA
-
Unconnected/
connectedb
--
-
NOTESCS0
-
-
-
-
MBXINT
NOTESCS1
-
-
-
-
EMPIDREQ0
NOTESCS2
-
-
-
-
EMPIDRAK0
a. When the EMI is configured in master mode (MODE9 = H), and an external slave DMA asks for
access to the bus (using NOTMACK or NOTMREQ), RFSH_PENDING and ACC_PENDING are
used to signal that, while the external DMA request has been granted and the DMA is using the bus,
a refresh time out occurred, or that the EMI has been asked for a new access. A bus arbiter, if
present, can use this information to give back the bus to the EMI to allow a refresh operation, or
improve bandwidth. When the EMI is in slave mode (MODE9 = L), RFSH_PENDING is always
deasserted (so EPENDING = ACC_PENDING), and the pin is used to signal to the external bus
arbiter that the EMI needs to use the bus.
b. NOTFBAA is an output of the ST40RA, and an input to the memory device. The pin must be left
unconnected from the ST40RA side and tied low at the memory device side if the memory is an Intel
or an STM part. It needs to be connected if the SFlash is an AMD.
ST40RA EMI pin
Peripheral
SFlash
SDRAM
MPX
MPX/EMPI
Table 8: EMI pin functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com