Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 17Page - STMicroelectronics ST40RA Datasheet HTML 18Page - STMicroelectronics ST40RA Datasheet HTML 19Page - STMicroelectronics ST40RA Datasheet HTML 20Page - STMicroelectronics ST40RA Datasheet HTML 21Page - STMicroelectronics ST40RA Datasheet HTML 22Page - STMicroelectronics ST40RA Datasheet HTML 23Page - STMicroelectronics ST40RA Datasheet HTML 24Page - STMicroelectronics ST40RA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
5 System configuration
ST40RA
21/94
STMicroelectronics
ADCS 7260755H
5.8
Memory bridge control
The architecture of the SuperHyway interconnect is shown in
Figure 3. Initiators are shown on the
left, and targets are shown on the right of the interconnect. The bit width of the initiator and target
ports are shown in the diagram.
The ST40RA architecture requires seven memory bridges on clock change boundaries.
Figure 3: ST40RA interconnect architecture
Memory bridge number
SuperHyway type
Subsystem
1
T3
EMI target
2
T3
EMPI initiator
3
T1
EMI_SS target
4
T2
Reserved
5
T2
Reserved
6T3
PCI_ST_I
7T3
PCI_ST_T
Table 9: Memory bridges
SuperHyway
Interconnect
SH core
EMPI
PCI_ST_I
LMI
EMI
PCI_ST_T
Memory
bridge
Memory
bridge
Memory
bridge
Memory
bridge
P
I
PER
SH_PER
32
32
32
GPDMA
32
64
32
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com