Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 65Page - STMicroelectronics ST40RA Datasheet HTML 66Page - STMicroelectronics ST40RA Datasheet HTML 67Page - STMicroelectronics ST40RA Datasheet HTML 68Page - STMicroelectronics ST40RA Datasheet HTML 69Page - STMicroelectronics ST40RA Datasheet HTML 70Page - STMicroelectronics ST40RA Datasheet HTML 71Page - STMicroelectronics ST40RA Datasheet HTML 72Page - STMicroelectronics ST40RA Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
8 Pin description
ST40RA
69/94
STMicroelectronics
ADCS 7260755H
EDATA19
Y12
MD19
External data/MPX address
E4
I/O
EDATA20
V13
MD20
External data/MPX address
E4
I/O
EDATA21
W13
MD21
External data/MPX address
E4
I/O
EDATA22
Y13
MD22
External data/MPX address
E4
I/O
EDATA23
V14
MD23
External data/MPX address
E4
I/O
EDATA24
W14
MD24
External data/MPX address
E4
I/O
EDATA25
Y14
MD25
External data/MPX address
E4
I/O
EDATA26
W15
MD26
External data/MPX address
E4
I/O
EDATA27
Y15
MD27
External data/MPX address
E4
I/O
EDATA28
W16
MD28
External data/MPX address
E4
I/O
EDATA29
Y16
MD29
External data/MPX address
E4
I/O
EDATA30
W17
MD30
External data/MPX address
E4
I/O
EDATA31
Y17
MD31
External data/MPX address
E4
I/O
ECLKOUT
W10
ECLKOUT
External clock for SDRAM
-
O
ECLKEN
U10
ECLKEN
External clock enable
-
O
EDQM0
N4
EBE_DQM0
External byte enables
-
I/O
EDQM1
P4
EBE_DQM1
External byte enables
-
I/O
EDQM2
P5
EBE_DQM2
External byte enables
-
I/O
EDQM3
R5
EBE_DQM3
External byte enables
-
I/O
NOTECS0
R4
NOTECS5
External chip select
One NOTECS[0:5]
used for
NOTEMPICS
Selected via
software
E4
O
I
NOTECS1
T4
NOTECS4
External chip select
E4
O
NOTECS2
T5
NOTECS3
External chip select
E4
O
NOTECS3
T12
NOTECS2
External chip select
E4
O
NOTECS4
T13
NOTECS1
External chip select
E4
O
NOTECS5
T14
NOTECS0
External chip select
E4
O
NOTERAS
U3
NOTERAS
External raw add strobe
MSTART and
FLBADDR
E4
O
I/O
NOTECAS
T3
NOTECAS
External column address strobe, MFRAME
(MPX_FRAME) and EOE_N (EMI output enable
signal)
E4
O
I/O
EWAIT
T10
EWAIT
External wait command
(notready)
E4
I/O
NOTEWE
V3
NOTEWR
External read not write
E4
I/O
EPENDING
N3
EPENDING
EMI pending refresh or access
E4
O
MCLKOUT
Y10
MCLKOUT
MPX clock
-
O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com