Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 50Page - STMicroelectronics ST40RA Datasheet HTML 51Page - STMicroelectronics ST40RA Datasheet HTML 52Page - STMicroelectronics ST40RA Datasheet HTML 53Page - STMicroelectronics ST40RA Datasheet HTML 54Page - STMicroelectronics ST40RA Datasheet HTML 55Page - STMicroelectronics ST40RA Datasheet HTML 56Page - STMicroelectronics ST40RA Datasheet HTML 57Page - STMicroelectronics ST40RA Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
ADCS 7260755H
STMicroelectronics
54/94
ST40RA
7 Electrical specifications
7.7
General purpose peripheral bus (EMI) AC specifications
Figure 14: EMI AC timings
Symbol
Parameter
Min
Max
Units
Note
tECHECH
EMI reference clock period
12
ns
a
a. EMI reference clock is defined as the time when ECLKOUT, MCLKOUT and FCLKOUT are all valid.
tECHECL
EMI reference clock high time
4
ns
tECLECH
EMI reference clock low period
4
ns
tECHCH
EMI reference clock high to all clocks high
3
6
ns
tECLCL
EMI reference clock low to all clocks low
3
6
ns
tECHEOV
EMI reference clock high to output signals valid
0
2
ns
tECLEOV
EMI reference clock low to output signals valid
0
2
ns
1
tECHEOZ
EMI reference clock high to outputs tri-state
4
ns
tECHEON
EMI reference clock high to outputs on
ns
1
tEIVECH
Input signals valid to EMI reference clock high
4
ns
b
b. Including EWAIT signal
tECHEIX
Input signals hold after EMI reference clock high
2
ns
2
Table 28: EMI AC timings
Tri-state outputs
Outputs switched on full cycle
tECHLON
tECHLOZ
Inputs
tECHEIX
tECHECH
tECHECL
tRCLRCH
tECHEOV
tEIVECH
Outputs switched on 1/2 cycle
tECLEOV
FCLKOUT
tECHCH
tECLCL
ECLKOUT
MCLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com