Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 41Page - STMicroelectronics ST40RA Datasheet HTML 42Page - STMicroelectronics ST40RA Datasheet HTML 43Page - STMicroelectronics ST40RA Datasheet HTML 44Page - STMicroelectronics ST40RA Datasheet HTML 45Page - STMicroelectronics ST40RA Datasheet HTML 46Page - STMicroelectronics ST40RA Datasheet HTML 47Page - STMicroelectronics ST40RA Datasheet HTML 48Page - STMicroelectronics ST40RA Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
7 Electrical specifications
ST40RA
45/94
STMicroelectronics
ADCS 7260755H
7.1.3
Pad specific output AC characteristics
VDDCORE
VDDIO
Units
Typical
Maximum
Typical
Maximum
Operating
850
1150
250
350
mWa
Low power
5
10
25
50
mW
Table 23: Power dissipation
a. CPU 166 MHz (Mode 3)
Pad type
Functional pin group
Maximum load (pf)
Drive (mA)
Notes
SL
LMI SDRAM/DDR
35
-
a
a. The SL pads are fully LVTTL and SSTL_2 compliant at maximum 35 pf load.
P8
PCI
200
8
C2A
50
2
C2B
50
2
C4
100
4
E4
EMI/MPX
100
4
Table 24: I/O maximum capacitive and DC loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com