Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 74Page - STMicroelectronics ST40RA Datasheet HTML 75Page - STMicroelectronics ST40RA Datasheet HTML 76Page - STMicroelectronics ST40RA Datasheet HTML 77Page - STMicroelectronics ST40RA Datasheet HTML 78Page - STMicroelectronics ST40RA Datasheet HTML 79Page - STMicroelectronics ST40RA Datasheet HTML 80Page - STMicroelectronics ST40RA Datasheet HTML 81Page - STMicroelectronics ST40RA Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
ADCS 7260755H
STMicroelectronics
78/94
ST40RA
A Interconnect architecture
A
Interconnect architecture
This detail is included for information only. It is not recommended to write to any of these registers,
without prior consultation from ST, as it could cause the device to malfunction.
ST only guarantees correct operation of the device with the default register values. The register
reset default values have been programmed to balance the system and give optimum system
performance, so there is no need to modify them.
For details of other registers see the
ST40 System Architecture Manual.
The internal architecture of the block is shown in
Figure 21.
Figure 21: ST40RA interconnect architecture
LMI
T3
64
64-bit
full
cross bar
conn_2 x 2
EMI
T3
32
EMPI
T3
32
SH4 subsystem
subsystem
T3
32
ST40 core
PER
sub
PI
Node 2
CPU subsystem
Node 1
T3
32
PCI
GPDMA
T3
32
PCI
(t)
100 MHz
T3
64
32-bit
conn_4 x 4
Full cross bar
Programming
port
Programming
port
T3
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com