Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 14Page - STMicroelectronics ST40RA Datasheet HTML 15Page - STMicroelectronics ST40RA Datasheet HTML 16Page - STMicroelectronics ST40RA Datasheet HTML 17Page - STMicroelectronics ST40RA Datasheet HTML 18Page - STMicroelectronics ST40RA Datasheet HTML 19Page - STMicroelectronics ST40RA Datasheet HTML 20Page - STMicroelectronics ST40RA Datasheet HTML 21Page - STMicroelectronics ST40RA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
ADCS 7260755H
STMicroelectronics
18/94
ST40RA
5 System configuration
5.5
EMI DACK mapping
For full details of the EMI bank address and bank type mappings refer to
ST40 System Architecture
Manual Volume 2: Bus Interfaces.
Two DACK strobes are supported in this implementation and are mapped as follows:
q
DACK
[0]: asserted when a transfer from GPDMA channel[1] occurs to an EMI bank configured
as a MPX device,
q
DACK
[1]: asserted when a transfer from GPDMA channel[2] occurs to an EMI bank configured
as a MPX device.
5.6
EMI address pin mapping
The data width of a connected device is 8, 16 or 32 bits wide. The 16-bit bank must use EDQM3 as
address 1, the LSB address for the device and the 8-bit bank must use EDQM3 as address 1 and
EDQM2 as address 0.
See the
ST40 System Architecture Manual, Volume 2: Bus Interfaces for details of setting the
device type and port size using the EMI configuration registers.
Device type
Port size
Device address 25 to 2
Device address 1
Device address 0
SDRAM
Peripheral
SFlash
™
32-bit
EADDR[25:2]
-
-
16-bit
EADDR[24:2]
EDQM3
-
8-bit
EADDR[23:2]
EDQM3
EDQM2
MPX
-
EADDR[25:2]
-
-
Table 7: Mapping the internal address lines of a connected device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com