Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 85Page - STMicroelectronics ST40RA Datasheet HTML 86Page - STMicroelectronics ST40RA Datasheet HTML 87Page - STMicroelectronics ST40RA Datasheet HTML 88Page - STMicroelectronics ST40RA Datasheet HTML 89Page - STMicroelectronics ST40RA Datasheet HTML 90Page - STMicroelectronics ST40RA Datasheet HTML 91Page - STMicroelectronics ST40RA Datasheet HTML 92Page - STMicroelectronics ST40RA Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
B Implementation restrictions
ST40RA
89/94
STMicroelectronics
ADCS 7260755H
B.6
PIO
B.6.1
PIO default functionality following reset
In the ST40 family device, the operational modes for these registers differ from the standard
architecture definition and are shown in
Table 39.
B.6.2
PCI/PIO alternate functions
The following PIO signals cannot be used when PCI is enabled even if the PCI implementation does
not require the primary pin function.
If PCI is disabled, the alternate functions may be used.
PIO bit configuration
PIO output state
PIO.PC2
PIO.PC1
PIO.PC0
NonPIO functiona
a. State following reset
-0
0
0
PIO bidirectional
Open drain
0
0
1
PIO output
Push-pull
0
1
0
PIO bidirectional
Open drain
0
1
1
PIO input
High impedance
1
0
0
PIO input
High impedance
1
0
1
Reserved
-
1
1
0
Reserved
-
1
1
1
Table 39: PIO alternate function registers
Pin name
BPN
Architecture
signal name
Pin function
Pin
Row
Col
Default
Alternate
Type
Dir
NOTPREQ0
E
18
NOTPCI_REQ0
PCI external request for bus
PIO16
P8
I/O
I/O
NOTPREQ1
E
17
NOTPCI_REQ1
PCI external request for bus
PIO18
P8
I
I/O
NOTPREQ2
F
16
NOTPCI_REQ2
PCI external request for bus
PIO20
P8
I
I/O
NOTPREQ3
G
16
NOTPCI_REQ3
PCI external request for bus
PIO22
EMPIDREQ1
P8
I
I/O
O
Table 40: PCI/PIO alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com