Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 37Page - STMicroelectronics ST40RA Datasheet HTML 38Page - STMicroelectronics ST40RA Datasheet HTML 39Page - STMicroelectronics ST40RA Datasheet HTML 40Page - STMicroelectronics ST40RA Datasheet HTML 41Page - STMicroelectronics ST40RA Datasheet HTML 42Page - STMicroelectronics ST40RA Datasheet HTML 43Page - STMicroelectronics ST40RA Datasheet HTML 44Page - STMicroelectronics ST40RA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
6 Clock generation
ST40RA
41/94
STMicroelectronics
ADCS 7260755H
6.6.3
CLOCKGENA.STBREQCR and CLOCKGENB.STBREQCR registers
6.6.4
CLOCKGENA.STBREQCR_SET and CLOCKGENB.STBREQCR_SET registers
6.6.5
CLOCKGENA.STBREQCR_CLR and CLOCKGENB.STBREQCR_CLR register
CLOCKGENA.STBREQCR
CLOCKGENB.STBREQCR
Control power down requests
0x0018
This register gives direct access to the power down request register. Low power requests are made in
the STBREQCR_SET register and cleared in the STBREQCR_CLR register.
[0:7]
REQ[0:7]
Power down requests for module [n]
Controls the power down state for module [n]
Bit [n]: 0 Request module [n] to operate normally
Bit [n]: 1 Request module [n] to power down
Reset state: 0
RW
[8:31]
Reserved
0: No action
1: Undefined
Reset state: Undefined
CLOCKGENA.STBREQCR_SET
CLOCKGENB.STBREQCR_SET
Set power down requests
0x0020
This register sets a low power request.
[0:7]
SET[0:7]
Set power down request for module [n]
Sets the power down request state for module [n]
Bit [n]: 0 No action
Bit [n]: 1 Set power down request
Reset state: 0
WO
[8:31]
Reserved
0: No action
1: Undefined
Reset state: Undefined
CLOCKGENA.STBREQCR_CLR
CLOCKGENB.STBREQCR_CLR
Clear power down requests
0x0028
This register clears a low power request and recommences the clock supply to a module.
[0:7]
CLR[0:7]
Clear power down request for module [n]
Clears the power down request state for module [n]
Bit [n]: 0 No action
Bit [n]: 1 Clear power down request
Reset state: 0
WO
[8:31]
Reserved
0: No action
1: Undefined
Reset state: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com