Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 86Page - STMicroelectronics ST40RA Datasheet HTML 87Page - STMicroelectronics ST40RA Datasheet HTML 88Page - STMicroelectronics ST40RA Datasheet HTML 89Page - STMicroelectronics ST40RA Datasheet HTML 90Page - STMicroelectronics ST40RA Datasheet HTML 91Page - STMicroelectronics ST40RA Datasheet HTML 92Page - STMicroelectronics ST40RA Datasheet HTML 93Page - STMicroelectronics ST40RA Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
Revision history
ST40RA
91/94
STMicroelectronics
ADCS 7260755H
Revision history
Version
Comments
Version G
4 Architecture
Section 4.2.3: Standard ST40 peripherals on page 8
New watchdog timer section
5 System configuration
Section 5.7: EMI pin to function relationship on
page 19
New section
7 Electrical specifications
Section 7.1.2: Operating conditions on page 44
Section 7.3: PCI interface AC specifications on
page 50
Section 7.4: LMI interface (SDRAM) AC
specifications on page 51
Section 7.7: General purpose peripheral bus (EMI)
AC specifications on page 54
Section 7.8: PIO AC specifications on page 55
Section 7.10: Low power CLKIN AC specifications on
page 57
IWP, LVREF updated, VIH1 defined
tPCIHAIX changed
tLCHLOV, tLIVLCH changed
tECHCH, tECLCL, tECLEOV, tECHEOV changed
tPCHPOV changed, tPIOf description changed
tLCLLCL changed
9 Package
New information
Version F
References to ST40RA166 changed to ST40RA
3 ST40RA devices
New section
7 Electrical specifications
Section 7.1.2: Operating conditions on page 44
Section 7.1.1: Fmax clock domains on page 43
Section 6.7: General purpose peripheral bus (EMI)
AC specifications
LVREF, VIHS, VILS, VOHS, VOLS parameters defined.
Order in which VDDIO & VDDCORE is powered up does not
matter, see
Table 22: Operating conditions on page 44
Added new devices to
Table 21: Fmax clock domains on
page 43
tMWVECH and tECHMWX waveform removed from
Figure 14: EMI AC timings on page 54
Appendix B
B.9 RTC clock
Section removed
Version E
Edits and template changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com