Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 31Page - STMicroelectronics ST40RA Datasheet HTML 32Page - STMicroelectronics ST40RA Datasheet HTML 33Page - STMicroelectronics ST40RA Datasheet HTML 34Page - STMicroelectronics ST40RA Datasheet HTML 35Page - STMicroelectronics ST40RA Datasheet HTML 36Page - STMicroelectronics ST40RA Datasheet HTML 37Page - STMicroelectronics ST40RA Datasheet HTML 38Page - STMicroelectronics ST40RA Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
6 Clock generation
ST40RA
35/94
STMicroelectronics
ADCS 7260755H
6.3.1
CLOCKGENA_2x PCI (PCI_DIV_BYPASS = 0)
6.3.2
Division ratios on CLOCKGENA_2x
Reset mode
MODE[4:3]
Reset value
PLL2 frequency
00
0x7938 B012
528 MHz
01
0x7938 B012
528 MHz
10
0x7938 B012
528 MHz
11
0x0938 B012
0 MHz
Table 16: CLOCKGENA PLL2 reset values (PCI_DIV_BYPASS = 0)
Mode
MODE[4:3]
Divide ratio selected
PCI_BUS_CLK freq.
00
8
66 MHz
01
16
33 MHz
10
21
25.14 MHz
11
-
0 MHz
Table 17: CLOCKGENA_PLL2 PCI reset division ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com