Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 24Page - STMicroelectronics ST40RA Datasheet HTML 25Page - STMicroelectronics ST40RA Datasheet HTML 26Page - STMicroelectronics ST40RA Datasheet HTML 27Page - STMicroelectronics ST40RA Datasheet HTML 28Page - STMicroelectronics ST40RA Datasheet HTML 29Page - STMicroelectronics ST40RA Datasheet HTML 30Page - STMicroelectronics ST40RA Datasheet HTML 31Page - STMicroelectronics ST40RA Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
ADCS 7260755H
STMicroelectronics
28/94
ST40RA
5 System configuration
[13:14]
LMI_SDRAM_DATA_DRIVE
SDRAM data and data strobe pad PROG 1:0 LVTTL
OP drive strength
00: 1x
01: 2x
10: 3x
11: 4x
Reset: 0
RW
[15:16]
LMI_SDRAM_ADD_DRIVE
LMI address and control pad PROG 1:0 LVTTL OP
drive strength
00: 1x
01: 2x
10: 3x
11: 4x
Reset: 0
RW
[17:35]
Reserved
36
EMPI_ENB[0]
Enable EMPI channel 0 DREQ/DRACK/DRACK
alternate function
0: Disabled
1: NOTESCS1 remapped to EMPIDREQ0
NOTESCS2 remapped to EMPIDRAK0
EADDR26 remapped to EMPIDACK0
EADDR26 is only remapped when whilst the ST40RA
is
acting as a bus slave
RW
37
EMPI_ENB[1]
Enable EMPI channel 1 DREQ/DRACK/DRACK
alternate function
0: Disabled
1: NOTPREQ3 remapped to EMPIDREQ1
NOTPGNT3 remapped to EMPIDRAK1
EADDR25 remapped to EMPIDACK0
EADDR25 is only remapped when whilst the ST40RA
is acting as a bus slave
RW
38
EMPI_ENB[2]
Enable EMPI channel 2 DREQ/DRACK/DRACK
alternate function
0: Disabled
1: DREQ0 remapped to EMPIDREQ2
DACK0 remapped to EMPIDACK2
DRAK0 remapped to EMPIDRAK2
RW
39
EMPI_ENB[3]
Enable EMPI channel 2 DREQ/DRACK/DRACK
alternate function
0: Disabled
1: DREQ1 remapped to EMPIDREQ3
DACK1 remapped to EMPIDACK3
DRAK1 remapped to EMPIDRAK3
RW
40
MAILBOX_ENB
Enable mailbox interrupt alternate function
0:Disabled
1:NOTESC0 remapped to MBXINT
RW
[41:43]
Reserved
SYSCONF.SYS_CON2
Functional pin use and behavior
0x0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com