Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7404 Datasheet (PDF) - STMicroelectronics

7404 Datasheet PDF - STMicroelectronics
Part # 7404
Download  7404 Download
File Size   287.33 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE VOLTAGE REGULATOR

7404 Datasheet (PDF)

Go To PDF Page Download Datasheet
7404 Datasheet PDF - STMicroelectronics

Part # 7404
Download  7404 Click to download

File Size   287.33 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE VOLTAGE REGULATOR

7404 Datasheet (HTML) - STMicroelectronics


7404 Product details

■ ONLY TWO CELL NEED AS INPUT

■ THREE REGULATED OUTPUT

1) HIGH EFFICENCY PFM DC/DC CONVERTER 3.3V AT 200mA (87% EFFICENCY)

2) VERY LOW NOISE AND VERY LOW DROP VREG (3V AT 20mA)

3) VERY LOW NOISE AAND VERY LOW DROP VREG (1.9V AT 20mA)

■ LOGIC CONTROLLED ELECTRONIC SHUTDOWN

■ LOW BATTERY DETECTOR

■ VIRTUAL GND PIN

■ TEMPERATURA RANGE: -40 TO 85°C




Similar Part No. - 7404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7404 ETC-7404 Datasheet
178Kb / 1P
Package contains six inverters
logo
STMicroelectronics
7404 STMICROELECTRONICS-7404 Datasheet
232Kb / 9P
HEX INVERTER
Dec-1992
logo
Fairchild Semiconductor
7404 FAIRCHILD-7404 Datasheet
45Kb / 4P
Hex Inverting Gates
logo
Bourns Electronic Solut...
7404-RC BOURNS-7404-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
Myrra
74040 MYRRA-74040 Datasheet
123Kb / 1P
FLYBACK TRANSFORMER
More results


Similar Description - 7404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
Triple Voltage Regulator
Rev. 1.1 2001-09-06
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com