Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet (PDF) - Infineon Technologies AG

TLE4471 Datasheet PDF - Infineon Technologies AG
Part # TLE4471
Download  TLE4471 Download
File Size   217.26 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Triple Voltage Regulator

TLE4471 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4471 Datasheet PDF - Infineon Technologies AG

Part # TLE4471
Download  TLE4471 Click to download

File Size   217.26 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Triple Voltage Regulator

TLE4471 Datasheet (HTML) - Infineon Technologies AG


TLE4471 Product details

Functional Description

The TLE 4471 is a monolithic integrated very low-drop triplevoltage regulator. The main output supplies loads up to 450 mA and the additional tracked outputs can provide up to 50 mA and 100 mA. In addition the device includes a watchdog for microcontroller supervision, an undervoltagereset, a power on reset andextended enabling features.



Features

• Triple Voltage Regulator

• Output Voltage 5 V with 450 mA Current Capability

• Two tracked Outputs for 50 mA and 100 mA

• Enable Function for mainand tracked Output(s)

• Reset with adjustable Threshold

• Undervoltage- and Power On-Reset

• Watchdog

• Independent Watchdog- and Reset delay

• Wide Temperature Range

• Overtemperature Protection

• Overvoltage Protection

• Reverse Polarity Proof

• Green Product (RoHS compliant)

• AEC Qualified




Similar Part No. - TLE4471

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
TLE4471G INFINEON-TLE4471G Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
More results


Similar Description - TLE4471

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
ST3M01 STMICROELECTRONICS-ST3M01 Datasheet
287Kb / 11P
TRIPLE VOLTAGE REGULATOR
Nov-2000
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com