Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TLE 4471
Data Sheet Rev. 1.1
10
2001-09-06
Tracked Output Q2
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 19 V;
1mA
< I
Q2 < 100 mA
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 28 V;
1mA
< I
Q2 < 80 mA
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 40 V;
1mA
< I
Q2 < 50 mA
Output current limit
I
Q2
110
––
mA
V
Q2 = 0.1 V
Output voltage drop
V
DR2
––
0.6
V
I
Q2 = 100 mA
Power Supply Ripple
Rejection
PSRR
30
––
dB
20 Hz
< f
r < 20 kHz;
V
PP = 0.5 V; CQ2 = 10 µF
Output capacitor
C
Q2
10
––
µF
–
ESR of output
capacitor
ESR
––
3
Ω
at 10 kHz
Tracked Output Q3
Output voltage
tracking accuracy
∆V
Q3 =
V
Q3 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 19 V;
1mA
< I
Q3 < 50 mA
Output voltage
tracking accuracy
∆V
Q3 =
V
Q3 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 28 V;
1mA
< I
Q3 < 40 mA
Output voltage
tracking accuracy
∆V
Q3 =
V
Q3 – VQ1
– 25
–
25
mV
5.7 V
< V
I < 40 V;
1mA
< I
Q3 < 25 mA
Output current limit
I
Q3
55
–
150
mA
V
Q3 = 0.1 V
Output voltage drop
V
DR3
––
0.6
V
1 mA
≤ I
Q3 ≤ 50 mA
Power Supply Ripple
Rejection
PSRR
30
––
dB
20 Hz
< f
r < 20 kHz;
V
PP = 0.5 V; CQ3 = 10 µF
Output capacitor
C
Q3
10
–
µF
–
ESR of output
capacitor
ESR
––
3
Ω
at 10 kHz
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com