Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet Rev. 1.1
11
2001-09-06
TLE 4471
Matching error
between
V
Q2 and VQ3
∆V
Q2,3 =
V
Q3 – VQ2
– 25
–
25
mV
–
Current Consumption
Quiescent current
(standby)
I
q
––
20
µA
Q1 OFF, Q2 OFF;
Q3 OFF;
Current consumption;
I
q = II – IQ
I
q
–
1100 –
µA
Q3 OFF,
I
Q1 < 1mA;
I
Q2 < 1 mA;
Current consumption;
I
q = II – IQ
I
q
–
1800 –
µA
I
Q1 < 10 mA;
I
Q2 < 1 mA;
I
Q3 < 1 mA;
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com