Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG TLE4471 Datasheet HTML 17Page - Infineon Technologies AG TLE4471 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TLE 4471
Data Sheet Rev. 1.1
14
2001-09-06
Watchdog
Watchdog input pull
down resistor
R
W
515
40
k
Ω
–
Watchdog delay
charging current
I
DW, ch
24
6
µAV
DW= 1V; VDR= 2.7V
Watchdog upper
timing threshold
V
DW, dt
1.5
1.9
2.5
V
–
Watchdog lower
timing threshold
V
DW, st
0
30
200
mV
–
Watchdog trigger
pulse interval
t
wp
35
50
70
ms
C
DW = 100 nF;
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com