Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 5Page - Infineon Technologies AG TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet Rev. 1.1
9
2001-09-06
TLE 4471
Characteristics
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.
Main Output Q1
Output voltage
V
Q1
4.9
5.0
5.1
V
10 mA
< I
Q1 < 450 mA,
5.5 V
< V
I < 19 V
Output voltage
V
Q1
4.8
5.0
5.2
V
10 mA
< I
Q1 < 300 mA;
5.5 V
< V
I < 28 V
Output voltage
V
Q1
4.8
5.0
5.2
V
10 mA
< I
Q1 < 200 mA;
5.5 V
< V
I < 40 V
Output current limit
I
Q1
550
–
1500
mA
V
Q1 = 0.1 V
Output voltage drop
V
DR
–
0.25
0.55
V
I
Q1 = 450 mA
1)
Line regulation
∆V
Q1
– 25
–
25
mV
8 V
≤ V
I ≤ 16 V;
I
Q1 = 10 mA
Load regulation
∆V
Q1
– 25
–
25
mV
10 mA
< I
Q1 < 450 mA;
V
I =7 V
Power Supply Ripple
Rejection
PSRR
30
––
dB
C
Q1 =22 µF;
20 Hz
< f
r < 20 kHz;
V
SS =0.5 V
Output capacitor
C
Q1
22
––
µF
–
ESR of output
capacitor
ESR
––
3
Ω
at 10 kHz
1)
Measured when the output voltage
V
Q dropped 100 mV from the nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com