Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG TLE4471 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet Rev. 1.1
13
2001-09-06
TLE 4471
Reset Generator
Switching threshold
V
Q, rth
4.5
4.65
4.8
V
RADJ connected to
GND
Reset headroom
V
head
250
350
500
mV
10 mA
< I
Q1 < 450 mA
Reset pullup
R
R
2.4
–
6k
Ω
–
Reset output low
voltage
V
R, low
––
0.4
V
1 V
< V
Q1 < VQ, rth
Reset output Low
voltage
V
R, low
––
0.4
V
V
Q1 = 1 V, IR= 50 µA
Reset output High
voltage
V
R, high
4.5
––
V
–
Reset adjust
threshold
V
RADJ
1.25
1.35
1.45
V
V
Q1 > 3.5 V
Reset delay charging
current
I
DR, ch
24
6
µA
V
DR = 1 V
Reset delay
discharge current
I
DR, dis
60
120
160
mA
V
DR = 1 V
Upper reset timing
threshold
V
DR, dt
0.9
1.8
2.7
V
–
Lower timing
threshold
V
DR, st
0.25
0.4
0.65
V
–
Reset delay time
t
dr
35
50
70
ms
C
R = 100 nF
Reset reaction time
t
rr
0.5
–
3
µs
C
R = 100 nF
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com