Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG TLE4471 Datasheet HTML 10Page - Infineon Technologies AG TLE4471 Datasheet HTML 11Page - Infineon Technologies AG TLE4471 Datasheet HTML 12Page - Infineon Technologies AG TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLE 4471
Data Sheet Rev. 1.1
12
2001-09-06
Enable Function E1, E2, E3, EN
E1 On threshold
V
E1, on
3.5
4.1
4.5
V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E1 Off threshold
V
E1, off
1.5
–
2.5
V
–
E1 High input current
I
E1, on
–
50
–
µA
V
E1 = 16 V
E1 Low input current
I
E1, off
– 1
–
5
µA
V
E1 = 0 V
E2 On threshold
V
E2, on
1.3
1.7
2.0
V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E2 Off threshold
V
E2, off
0.8
1.2
1.7
V
–
E2 resistance to GND
R
E2
515
40
k
Ω
–
E3 On threshold
V
E3, on
3.5
–
4.5
V
V
Q1 > 4.8 V; VQ2 > 4.8 V
E3 Off threshold
V
E3, off
1.5
–
2.5
V
–
E3 High input current
I
E3, on
–
50
–
µA
V
E3 = 16 V
E3 Low input current
I
E3, off
– 1
–
5
µA
V
E3 = 0 V
EN On threshold
V
EN, on
1.0
1.7
2.3
V
V
Q3 > 4.8 V; Q1 ON
EN Off threshold
V
EN, off
0.8
1.2
1.7
V
V
Q3 < 0.1 V
Enable resistance to
GND
R
EN
515
40
k
Ω
–
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com