Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 13Page - Infineon Technologies AG TLE4471 Datasheet HTML 14Page - Infineon Technologies AG TLE4471 Datasheet HTML 15Page - Infineon Technologies AG TLE4471 Datasheet HTML 16Page - Infineon Technologies AG TLE4471 Datasheet HTML 17Page - Infineon Technologies AG TLE4471 Datasheet HTML 18Page - Infineon Technologies AG TLE4471 Datasheet HTML 19Page - Infineon Technologies AG TLE4471 Datasheet HTML 20Page - Infineon Technologies AG TLE4471 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet Rev. 1.1
17
2001-09-06
TLE 4471
Application Information
Figure 4
Application Diagram
Input
With an input voltage between 5.5 V < V
I < 40 V the regulator works in its normal
operating range. If the input voltage exceeds the 40 V up to 60 V for less than 400 ms,
e.g. caused by a load dump, the active components are switched off.
For compensating line influences and to avoid steep input edges above 1V/µs an input
capacitor is needed. Using a resistor of approx. 1
Ω in series to the input capacitor, the
oscillating circuit consisting of input inductance and input capacitor is damped.
AES02867
Tracking
Output 2
I
Q2
REF2
DR
Main
Watchdog /
Reset
Q1
RADJ
R
W
Enable
Logic
E2
DW
E1
E3
EN
Tracking
Output 3
REF3
Q3
AD
AD
Sensor /
Peripheral
Sensor /
Peripheral
Enable-Signal
Ignition KL.
V
BAT KL.
15
30
Controller
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com