Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4471 Datasheet HTML 1Page - Infineon Technologies AG TLE4471 Datasheet HTML 2Page - Infineon Technologies AG TLE4471 Datasheet HTML 3Page - Infineon Technologies AG TLE4471 Datasheet HTML 4Page - Infineon Technologies AG TLE4471 Datasheet HTML 5Page - Infineon Technologies AG TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet Rev. 1.1
3
2001-09-06
TLE 4471
Figure 2
Pin Configuration (top view)
Pin Definitions and Functions
Pin No.
Symbol Function
1, 10, 11,
20
GND
GROUND
2E1
Enable 1: Enable for Main Output Q1 and Q2; E1, E2 and E3 are
ored together; connect to GND, if not needed.
3I
Input; block to ground directly at the IC for line compensation.
4Q2
Tracking Output Q2; block to GND with min. 10
µF with
ESR
< 3 Ω.
5REF2
Reference Output; Reference Voltage related to Q2.
6R
Reset Output; the open collector Output is connected to Q1 via an
integrated resistor.
7DR
Reset Delay; connect a capacitor to GND for reset delay time
adjustment.
8E2
Enable 2: Enable for Main Output Q1 and Q2; E1, E2 and E3 are
ored together; connect to GND, if not needed.
9Q1
Main Output Q1; block to GND with min. 22
µF, ESR < 3 Ω.
12
RADJ
Reset Switching Threshold Adjust; The reset threshold can be
set individually with an external voltage divider at the pin. If it is
connected straight to GND the reset threshold remains at 4.65 V.
13
NC
Not Connected
AEP02865
20
E1
2
3
4
5
I
Q2
REF2
R6
7
8
DR
E2
Q1
9
10
GND
19
18
17
16
15
14
13
12
11
GND
GND
DW
W
Q3
E3
EN
GND
1
RADJ
N.C.
REF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com