Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4471 Datasheet HTML 18Page - Infineon Technologies AG TLE4471 Datasheet HTML 19Page - Infineon Technologies AG TLE4471 Datasheet HTML 20Page - Infineon Technologies AG TLE4471 Datasheet HTML 21Page - Infineon Technologies AG TLE4471 Datasheet HTML 22Page - Infineon Technologies AG TLE4471 Datasheet HTML 23Page - Infineon Technologies AG TLE4471 Datasheet HTML 24Page - Infineon Technologies AG TLE4471 Datasheet HTML 25Page - Infineon Technologies AG TLE4471 Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
23
2001-09-06
TLE 4471
Power Supply Ripple Rejection PSRR of
Main Output Q1 versus Frequency
f
Power Supply Ripple Rejection PSRR of
Output Q3 versus Frequency
f
Power Supply Ripple Rejection PSRR of
Output Q2 versus Frequency
f
AED02995
30
PSRR
f
40
50
60
70
80
dB
0
10
10
1
10
2
10
3
10
4
10
5
Hz
Q1
I
= 10 mA
= 450 mA
IQ1
= 22 µF
CQ1
AED02997
100
30
40
50
60
70
80
101
102
103
Hz 105
dB
PSRR
f
I
Q3 = 1 mA
I
Q3 = 50 mA
C
Q3 = 10 µF
AED02996
100
30
40
50
60
70
80
101
102
103
Hz 105
dB
PSRR
f
I
Q2 = 1 mA
I
Q2 = 100 mA
C
Q2 = 10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com