Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT4134 Datasheet (PDF) - Catalyst Semiconductor

CAT4134 Datasheet PDF - Catalyst Semiconductor
Part # CAT4134
Download  CAT4134 Download
File Size   327.52 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 500mA Dual Channel Movie/Flash LED Driver

CAT4134 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT4134 Datasheet PDF - Catalyst Semiconductor

Part # CAT4134
Download  CAT4134 Click to download

File Size   327.52 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 500mA Dual Channel Movie/Flash LED Driver

CAT4134 Datasheet (HTML) - Catalyst Semiconductor




Similar Part No. - CAT4134

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
321Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4134HV2 CATALYST-CAT4134HV2 Datasheet
321Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134HV2-GT2 ONSEMI-CAT4134HV2-GT2 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
More results


Similar Description - CAT4134

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
321Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134HV2-T2 ONSEMI-CAT4134HV2-T2 Datasheet
299Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
Doc. No. MD-5021 Rev. C
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
ON Semiconductor
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
ams AG
AS3642 AMSCO-AS3642 Datasheet
2Mb / 27P
Ultra Small 500mA Inductive White LED Flash Driver
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com