Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet (PDF) - ams AG

AS3642 Datasheet PDF - ams AG
Part # AS3642
Download  AS3642 Download
File Size   2417.02 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Small 500mA Inductive White LED Flash Driver

AS3642 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3642 Datasheet PDF - ams AG

Part # AS3642
Download  AS3642 Click to download

File Size   2417.02 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Small 500mA Inductive White LED Flash Driver

AS3642 Datasheet (HTML) - ams AG




Similar Part No. - AS3642

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3643-ZWLT AMSCO-AS3643-ZWLT Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
Ultra Small Low Cost 320mA Inductive White LED Flash Driver
AS3644-ZWLT AMSCO-AS3644-ZWLT Datasheet
2Mb / 24P
Ultra Small Low Cost 320mA Inductive White LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
More results


Similar Description - AS3642

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5612 ONSEMI-NCP5612 Datasheet
102Kb / 11P
High Efficiency Ultra Small Thinnest White LED Driver
August, 2006 ??Rev. 0
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
321Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
logo
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
logo
TOKO, Inc
TK65600B TOKO-TK65600B Datasheet
172Kb / 12P
INDUCTIVE WHITE LED DRIVER WITH SYNCHRONOUS RECTIFER
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134_08 Datasheet
327Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134HV2-T2 ONSEMI-CAT4134HV2-T2 Datasheet
299Kb / 13P
500mA Dual Channel Movie/Flash LED Driver
Doc. No. MD-5021 Rev. C
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
Ultra Small Low Cost 320mA Inductive White LED Flash Driver
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com