Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 2 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 2 Page - ams AG

  AS3642 Datasheet HTML 1Page - ams AG AS3642 Datasheet HTML 2Page - ams AG AS3642 Datasheet HTML 3Page - ams AG AS3642 Datasheet HTML 4Page - ams AG AS3642 Datasheet HTML 5Page - ams AG AS3642 Datasheet HTML 6Page - ams AG AS3642 Datasheet HTML 7Page - ams AG AS3642 Datasheet HTML 8Page - ams AG AS3642 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
AS3642
Ultra Small 500mA Inductive White LED Flash Driver
www.austriamicrosystems.com/AS3642
1.2-2
1 - 26
(ptr)500mA
Datasheet
1 General Description
The AS3642 is an inductive high efficient DCDC step up
converter driving a current source. The DCDC step up
converter operates at a fixed frequency of 4MHz and
includes soft startup to allow easy integration into noise
sensitive RF systems. The current source operates in
flash/torch/assist (video/autofocus) and indicator mode.
The AS3642 includes flash timer, overvoltage, overtem-
perature, undervoltage and LED short circuit protection
functions.
The AS3642 is able to detect a broken coil. Together
with the LED short and open detection the AS3642 can
be used to verify the connection to its external compo-
nents and allowing in-circuit test. This reduces test time
and simplifies production test procedures.
The AS3642 is controlled by an I
2C interface to allow
sophisticated control of all settings like currents and tim-
ings.
The complete flash driver solution measures only
11mm
2 PCB area.
The AS3642 is available in a space-saving WL-CSP
package measuring only 1.5x1.1x0.6mm and operates
over the -30ºC to +85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features

Total flash driver solution only 11mm
2

High efficiency 4MHz fixed frequency DCDC Boost
converter with soft start allows small coils

LED currents
Up to 500mA flash current (15.6mA steps)
Up to 320mA torch current (10mA steps)
1.35mA,2.9mA,4.4mA or 6mA indicator light current
(PWM with 1...4/32 duty cycle)

Flash LED(s) cathode connected to ground:
Improved thermal performance (ground = heat sink)
Simplified PCB layout

Adjustable Flash Timer
30ms to 480ms in 30ms steps

Flash, Torch, Assist and Indicator Mode

Protection functions:
Automatic Flash timer to protect the LED
Overvoltage and undervoltage Protection
Overtemperature Protection
LED short circuit protection

Available in tiny WL-CSP Packages
2x3 balls 0.5mm pitch, 1.5x1.1x0.6mm package size
3 Applications
Flash/Torch for mobile phones, digital cameras and PDA

 



 



!"#!"$$
%
&#'
(&(!

!"#)
(&()

-+
$$+.+./
!




 

%

 .0 
AS3642
AS3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com