Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 11 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 11 Page - ams AG

Back Button AS3642 Datasheet HTML 7Page - ams AG AS3642 Datasheet HTML 8Page - ams AG AS3642 Datasheet HTML 9Page - ams AG AS3642 Datasheet HTML 10Page - ams AG AS3642 Datasheet HTML 11Page - ams AG AS3642 Datasheet HTML 12Page - ams AG AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
10 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
The DCDC converter always operates in PWM mode (exception: PFM mode is allowed during startup) to reduce EMI
in EMI sensitive systems. For flash and assist light mode and high duty cycles close to 100% on-time (maximum duty
cycle) of the PMOS, the DCDC converter can switch into a 1MHz operating mode and maximum duty cycle to improve
efficiency for this load condition. The DCDC converter returns back to its normal 4MHz operating frequency when load
or supply conditions change. Due to this switching between two fixed frequencies the noise spectrum of the system is
exactly defined and predictable. If improved efficiency is required, the fixed switching between 1MHz / 4MHz can be
disabled by freq_switch_on (see page 16)=0
2. In this case pulseskip will be used.
The internal circuit for switching between these two frequencies is shown in Figure 17:
Figure 17. Internal circuit of 4MHz/1Mhz selection
External Strobe Input
To start the flash operation by an hardware input using an external strobe input, use schematic shown in Figure 18:
Figure 18. External strobe input
To enable this function, program the flash timer with the exact flash duration (by programming flash_timer) and set
external_strobe=1. The AS3642 waits for an external strobe signal on pin LED_OUT and starts the flash pulse with a
duration defined by flash_timer.
2. If current_mode=11 (500mA operating mode), the AS3642 will always use only 4Mhz.
 



 !
"!
#$#
#%&!''
()!*+
,- 
./. 
012-#$.,"

3
$
$
AS3642




 




!
"  
#$$%
&
"
'#(
AS3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com