Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 21 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 21 Page - ams AG

Back Button AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG AS3642 Datasheet HTML 24Page - ams AG AS3642 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
20 - 26
AS3642
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS3642 can be directly connected to an (existing) I
2C bus (e.g. from the baseband or camera processor). All func-
tions are accessible by this interface. An strobe input can be done by adding a diode (with an optional resistor in
series) to the LED_OUT pin. Setting the register bit external_strobe=1 enable this input as a strobe input. The duration
of the flash is programmed by the I
2C interface, but the exact starting time is defined by this input- see External Strobe
Input on page 10.
External Components
Input Capacitor CVIN
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic
capacitors are required for input decoupling and should be located as close to the device as is practical.
If a different input capacitor is chosen, ensure similar ESR value and at least 1.6
µF capacitance at the maximum input
supply voltage. Larger capacitor values (C) may be used without limitations.
Output Capacitor CVOUT
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. The capacitor should be located as close to the
device as is practical.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide voltage and temperature
range.
If a different output capacitor is chosen, ensure similar ESR values and at least 1.0µF capacitance at maximum output
voltage.
Inductor LDCDC
The fast switching frequency (4MHz) of the AS3642 allows for the use of small SMDs for the external inductor. The
inductor should have low DC resistance (DCR) to reduce the I
2R power losses - high DCR values will reduce effi-
ciency.
Table 10. Recommended Input Capacitor
Part Number
C
TC Code
ESR
Rated
Voltage
Size
Manufacturer
CL05A395MQ5NQKL
4.7µF +/-10%
>1.6µF @ VVIN
X5R
<20m
6V3
0402
Samsung Electro-
Mechancs
www.sem.samsung.co.kr
Table 11. Recommended Output Capacitor
Part Number
C
TC Code
ESR
Rated
Voltage
Size
Manufacturer
ECJUNBPJ155K
2x1.5µF +/-15%
X5R
<10m
6V3
0405
2-array
Panasonic
www.panasonic.com
CL14A185MQ8SAKL
Samsung Electro-
Mechancs
www.sem.samsung.co.kr
Table 12. Recommended Inductor
Part Number
L
DCR
L @ 0.9A
Size
Manufacturer
LQM21PN1R0NGC
1.1µH
100m
>0.7µH
2x1.25x0.9mm
Murata
www.murata.com
ELGTEA1R0SN
1.0µH
>0.7µH
2x1.25x0.9mm
Panasonic
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com