Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 19 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 19 Page - ams AG

Back Button AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
18 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 7. Control Register
Addr: 3
Control Register
This register defines the operating mode and different protection
functions in I
2C interface
Bit
Bit Name
Default Access
Description
3:0
flash_timer
4h
R/W
Define the duration of the flash timer
0h
30ms
1h
60ms
2h
90ms
3h
120ms
4h
150ms default value
5h
180ms
6h
210ms
7h
240ms
8h
270ms
9h
300ms
Ah
330ms
Bh
360ms
Ch
390ms
Dh
420ms
Eh
450ms
Fh
480ms
5:4
mode
00
R/W
AS3642 operating mode selection
00
Shutdown mode
01
Indicator light mode with ind_current
1
10
Assist light mode
2 with assist_current
11
Flash mode with duration flash_timer with
flash_current (if current_mode=00b or 10b) or current
(if current_mode=10b or 11b)
6
reserved
0
R
reserved - don’t use
7
external_strobe
3
0R/W
External strobe signal from pin LED_OUT
0
no external strobe
1
A flash pulse with current defined by flash_current (if
current_mode=00b or 10b) or current (if
current_mode=10b or 11b) register is triggered on a
rising edge on LED_OUT (e.g. due to an external
signal pulling it high). At the same time this register is
automatically cleared. After the flash pulse (duration
defined by flash_timer) the AS3642 returns to
shutdown mode.
Note: Setting this bit automatically sets mode (see
page 18)=11 (flash mode)
A ongoing flash started with external_strobe
can be stopped by writing ‘0’ to
external_strobe and ‘00’ to mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com