Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3642 Datasheet(PDF) 23 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 23 Page - ams AG

Back Button AS3642 Datasheet HTML 19Page - ams AG AS3642 Datasheet HTML 20Page - ams AG AS3642 Datasheet HTML 21Page - ams AG AS3642 Datasheet HTML 22Page - ams AG AS3642 Datasheet HTML 23Page - ams AG AS3642 Datasheet HTML 24Page - ams AG AS3642 Datasheet HTML 25Page - ams AG AS3642 Datasheet HTML 26Page - ams AG AS3642 Datasheet HTML 27Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
22 - 26
AS3642
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 24. Layout recommendation
Note: If component placement rules allow, move all components close to the AS3642 to reduce the area and length
of Loop1 and Loop2.
The recommended PCB pad size for the AS3642 is 250µm.
Application Self Testing Guideline
Using the in-build self testing features of the AS3642, the errors as shown in Figure 25 during the assembling and sol-
dering of the AS3642, can be detected - this simplifies and can reduce cost during manufacturing:
Figure 25. Self Testing - Detecting Assembling and Soldering Errors
The self testing procedure is simple:

 
 




 



 


 
  
!"
AS3642

 



 






!

AS3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com